PART |
Description |
Maker |
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
5962-8757104VXA 5962-8757104VYA 5962-8757102YA 596 |
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference Evaluation Kit for the MAX9508 Evaluation Kit for the MAX9501 RGBHV Driver with EMI Suppression Temperature Transducer/Sensor 温度变送器/传感
|
Everlight Electronic Co., Ltd.
|
2664AJ 2664AK 2664AL |
Evaluation Kit for the MAX2338 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for the MAX2335 HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
|
Bel Fuse Inc.
|
MAX1556EVKIT MAX1556 |
MAX1556 Evaluation Kit Evaluation Kit for the MAX1556EVKIT
|
MAXIM[Maxim Integrated Products]
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
MAX5960LEVCMAXQU |
Evaluation Kit/Evaluation System for the MAX5959A/MAX5959L/MAX5960A/MAX5960L
|
MAXIM - Dallas Semiconductor
|
MAX9760EVSYS/EVKIT |
Evaluation System/Evaluation Kit for the MAX9760/MAX9761/MAX9762/MAX9763
|
Maxim Integrated Products, Inc.
|
MAX1231EVC16 MAX1231EVKIT |
Evaluation Kit/Evaluation System for the MAX1030/MAX1031/MAX1230/MAX1231
|
MAXIM - Dallas Semiconductor
|
MAX3803EVKIT |
Evaluation Kit for the MAX3803 From old datasheet system Evaluation Kit for the MAX3803
|
MAXIM - Dallas Semiconductor
|
MAX1168EVKIT/EVSYS |
Evaluation Kit/Evaluation System for the MAX1068/MAX1168
|
Maxim Integrated Products, Inc.
|